Part Number Hot Search : 
UCA6408N GCM188 200D1 29LV8 GN01022 5ETTT 29LV0 MRF8S
Product Description
Full Text Search
 

To Download SF50BG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  100v-600v 5.0a SF50BG thru sf50jg super-fast glass passivated rectifier 1 of 2 mechanical data web site: www.taychipst.com features e-mail: sales@taychipst.com maximum ratings and electrical characteristics dimensions in inches and (millimeters) 0.210 (5.3) 0.190 (4.8) dia. 0.052 (1.32) 0.048 (1.22) dia. 1.0 (25.4) min. 0.375 (9.5) 0.285 (7.2) 1.0 (25.4) min. do-201ad glass passivated chip super fast switching time for high efficiency low forward voltage drop and high current capability low reverse leakage current plastic material has ul flammability classification 94v-0 case : jedec do-201ad molded plastic polarity : color band denotes cathode weight : 0.04 ounces, 1.1 grams mounting position : any v rms v dc v rrm i (av) i fsm v f i r @t j =100 c ratings at 25 ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20% maximum average forward rectified current @t a = 55 c peak forward surge current 8.3ms single half sine-wave super imposed on rated load (jedec method) maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum forward voltage at 5.0a dc maximum dc reverse current at rated dc blocking voltage @t j =25 c typical junction capacitance (note 2) 5.0 150 0.95 5 300 t j operating temperature range -55 to +150 c t stg storage temperature range -55 to +150 c typical thermal resistance (note 3) r 0ja 13 c/w ua ua v a a v unit v v characteristics symbol SF50BG 100 70 100 c j 80 pf maximum reverse recovery time (note 1) t rr 1.25 1.3 40 ns sf50dg 200 140 200 sf50fg 300 210 300 sf50jg 600 420 400 sf50hg 500 350 500 sf50gg 400 280 400 notes : 1.measured with i f =0.5a,i r =1.0a,i rr =0.25a. 2.measured at 1.0mhz and applied reverse voltage of 4.0v dc. 3.thermal resistance junction to ambient. 60 50 35
2 of 2 e-mail: sales@taychipst.com web site: www.taychipst.com super-fast glass passivated rectifier 100v-600v 5.0a SF50BG thru sf50jg fig.2 - maximum non-repetitive surge current number of cycles at 60hz peak forward surge current, amperes 1 5 10 50 100 2 20 0 50 100 150 200 single half-sine-wave (jedec method) fig.1 - forward current derating curve average forward current amperes 20 60 80 100 120 2.0 0 40 1.0 3.0 140 single phase half wave 60hz resistive or inductive load ambient temperature , c 4.0 5.0 6.0 160 fig.4 - typical forward characteristics instantaneous forward voltage, volts instantaneous forward current ,(a) 0.2 0.4 1.2 1.4 0.1 1.0 10.0 0.6 0.8 1.0 0.01 1.8 1.6 t j = 25 c pulse width 300us 2.0 SF50BG~sf50dg sf50hg~sf50jg sf50fhg~sf50gg fig.3 - typical junction capacitance capacitance , (pf) reverse voltage , volts 10 1 100 100 10 1 SF50BG~sf50gg sf50hg~sf50jg 4 t j = 25 c, f= 1mhz


▲Up To Search▲   

 
Price & Availability of SF50BG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X